Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 5 Page - Renesas Technology Corp

  SH7032 Datasheet HTML 1Page - Renesas Technology Corp SH7032 Datasheet HTML 2Page - Renesas Technology Corp SH7032 Datasheet HTML 3Page - Renesas Technology Corp SH7032 Datasheet HTML 4Page - Renesas Technology Corp SH7032 Datasheet HTML 5Page - Renesas Technology Corp SH7032 Datasheet HTML 6Page - Renesas Technology Corp SH7032 Datasheet HTML 7Page - Renesas Technology Corp SH7032 Datasheet HTML 8Page - Renesas Technology Corp SH7032 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 687 page
background image
Rev. 7.00 Jan 31, 2006 page v of xxvi
Organization of This Manual
Table 1 describes how this manual is organized. Figure 1 shows the relationships between the
sections within this manual.
Table 1
Manual Organization
Category
Section Title
Abbrevi-
ation
Contents
Overview
1.
Overview
—
Features, internal block diagram, pin
layout, pin functions
CPU
2.
CPU
CPU
Register configuration, data structure.
instruction features, instruction types,
instruction lists
Operating
Modes
3.
Operating Modes —
MCU mode, PROM mode
Internal
Modules
4.
Exception
Handling
—
Resets, address errors, interrupts, trap
instructions, illegal instructions
5.
Interrupt
Controller
INTC
NMI interrupts, user break interrupts, IRQ
interrupts, on-chip module interrupts
6.
User Break
Controller
UBC
Break address and break bus cycle
selection
Clock
7.
Clock Pulse
Generator
CPG
Crystal pulse generator, duty correction
circuit
Buses
8.
Bus State
Controller
BSC
Division of memory space, DRAM
interface, refresh, wait state control, parity
control
9.
Direct Memory
Access
Controller
DMAC
Auto request, external request, on-chip
peripheral module request, cycle steal
mode, burst mode
Timers
10.
16-Bit Integrated
Timer Pulse Unit
ITU
Waveform output mode, input capture
function, counter clear function, buffer
operation, PWM mode, complementary
PWM mode, reset synchronized mode,
synchronized operation, phase counting
mode, compare match output mode
11.
Programmable
Timing Pattern
Controller
TPC
Compare match output triggers, non-
overlap operation
12.
Watchdog Timer
WDT
Watchdog timer mode, interval timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com