Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 5Page - Renesas Technology Corp SH7032 Datasheet HTML 6Page - Renesas Technology Corp SH7032 Datasheet HTML 7Page - Renesas Technology Corp SH7032 Datasheet HTML 8Page - Renesas Technology Corp SH7032 Datasheet HTML 9Page - Renesas Technology Corp SH7032 Datasheet HTML 10Page - Renesas Technology Corp SH7032 Datasheet HTML 11Page - Renesas Technology Corp SH7032 Datasheet HTML 12Page - Renesas Technology Corp SH7032 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 687 page
background image
Rev. 7.00 Jan 31, 2006 page ix of xxvi
List of Items Revised or Added for This Version
Item
Page
Revision (See Manual for Details)
All
• All references to Hitachi, Hitachi, Ltd., Hitachi Semiconductors,
and other Hitachi brand names changed to Renesas
Technology Corp.
• Designation for categories changed from “series” to “group”
• Changes due to change in package codes.
FP-112
→ PRQP0112JA-A
FP-120
→ PTQP0120LA-A
1.1 SuperH
Microcomputer
Features
Table 1.2 Product
Lineup
6
Table amended
Product
Number
On-Chip
ROM
Operating
Voltage
Operating
Frequency
Temperature
Range
Model
Marking
Model No.*
2
Package
SH7032
ROMless 5.0 V
2 to 20 MHz
-20 to +75 C
HD6417032F20
HD6417032F20
112-pin plastic
-40 to +85 C
HD6417032FI20
HD6417032FI20
3.3 V
2 to 12.5 MHz
-20 to +75 C
HD6417032VF12
HD6417032VF12
QFP
(PRQP0112JA-A)
-40 to +85 C
HD6417032VFI12
HD6417032VFI12
SH7034
PROM
5.0 V
2 to 20 MHz
-20 to +75 C
HD6477034F20
HD6477034F20
112-pin plastic
-40 to +85 C
HD6477034FI20
HD6477034FI20
3.3 V
2 to12.5 MHz
-20 to +75 C
HD6477034VF12
HD6477034VF12
QFP
(PRQP0112JA-A)
5.0 V
2 to 20 MHz
-20 to +75 C
HD6477034X20
HD6477034TE20
120-pin plastic
TQFP
(PTQP0120LA-A)
2.3.2 Addressing
Modes
Table 2.8
Addressing Modes
and Effective
Addresses
27
Table amended
PC relative addressing added to Rn.
2.3.3 Instruction
Formats
Table 2.9
Instruction Formats
28
Table amended
m format added to mmmm: PC relative using Rm
2.4.1 Instruction
Set by Classification
Table 2.11
Instruction Code
Format
33
Note amended
* Scaling (×1, ×2, ×4) is performed based on the operand size of
the instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com