Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 80Page - Renesas Technology Corp SH7032 Datasheet HTML 81Page - Renesas Technology Corp SH7032 Datasheet HTML 82Page - Renesas Technology Corp SH7032 Datasheet HTML 83Page - Renesas Technology Corp SH7032 Datasheet HTML 84Page - Renesas Technology Corp SH7032 Datasheet HTML 85Page - Renesas Technology Corp SH7032 Datasheet HTML 86Page - Renesas Technology Corp SH7032 Datasheet HTML 87Page - Renesas Technology Corp SH7032 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 687 page
background image
Section 4 Exception Handling
Rev. 7.00 Jan 31, 2006 page 58 of 658
REJ09BX0272-0700
4.3
Address Errors
4.3.1
Address Error Sources
Address errors occur during instruction fetches and data reading/writing as shown in table 4.5.
Table 4.5
Address Error Sources
Bus Cycle
Type
Bus Master
Operation
Address Error
Instruction fetch
CPU
Instruction fetch from even address
None (normal)
Instruction fetch from odd address
Address error
Instruction fetch from outside on-chip
supporting module space
None (normal)
Instruction fetch from on-chip supporting
module space
Address error
Data read/write
CPU or DMAC
Access to word data from even address
None (normal)
Access to word data from odd address
Address error
Access to longword data aligned on
longword boundary
None (normal)
Access to longword data not aligned on
longword boundary
Address error
Access to word or byte data in on-chip
supporting module space*
None (normal)
Access to longword data in 16-bit on-
chip supporting module space*
None (normal)
Access to longword data in 8-bit on-chip
supporting module space*
Address error
Note: * See section 8, Bus State Controller (BSC), for details on the on-chip supporting module
space.
4.3.2
Address Error Exception Handling
When an address error occurs, address error exception handling starts after both the bus cycle that
caused the address error and the instructions that were being executed at that time, have been
completed. The CPU then:
1. Pushes SR onto the stack.
2. Pushes the program counter onto the stack. The PC value saved is the start address of the
instruction following the last instruction to be executed.
3. Fetches the exception handling routine start address from the exception vector table for the
address error that occurred and starts program execution from that address. The branch that
occurs here is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com