Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 6Page - Renesas Technology Corp SH7032 Datasheet HTML 7Page - Renesas Technology Corp SH7032 Datasheet HTML 8Page - Renesas Technology Corp SH7032 Datasheet HTML 9Page - Renesas Technology Corp SH7032 Datasheet HTML 10Page - Renesas Technology Corp SH7032 Datasheet HTML 11Page - Renesas Technology Corp SH7032 Datasheet HTML 12Page - Renesas Technology Corp SH7032 Datasheet HTML 13Page - Renesas Technology Corp SH7032 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 687 page
background image
Rev. 7. 00 Jan 31, 2006 page x of xxvi
Item
Page
Revision (See Manual for Details)
2.4.1 Instruction
Set by Classification
Table 2.13
Arithmetic
Instructions
37
Table amended
Instruction
Instruction Code
Operation
Execution
Cycles
T Bit
MAC.W
@Rm+,@Rn+
0100nnnnmmmm1111
Signed operation of
(Rn)
× (Rm) + MAC →
MAC
16
× 16 + 42 → 42-bit
3/(2)
*
—
MULS
Rm,Rn
0010nnnnmmmm1111
Signed operation of
Rn
× Rm → MAC
16
× 16 → 32-bit
1–3
*
—
MULU
Rm,Rn
0010nnnnmmmm1110
Unsigned operation of
Rn
× Rm → MAC
16
× 16 → 32-bit
1–3
*
—
2.4.2 Operation
Code Map
Table 2.18
Operation Code
Map
42, 43
Table amended
Instruction Code
Fx: 0000
Fx: 0001
Fx: 0010
Fx: 0011–1111
MSB
LSB MD: 00
MD: 01
MD: 10
MD: 11
0000
0000
Fx
1001
NOP
DIV0U
0000
Rn
Fx
1001
MOVT Rn
0110
Rn
Rm
10MD SWAP.B
Rm,Rn
SWAP.W
Rm,Rn
NEGC
Rm,Rn
NEG
Rm,Rn
8.5.3 Wait State
Control
151
Description amended
Regardless of the state of the
WAIT signal, when the RW1 bit, the
number of wait states selected by CBR refresh wait state insertion
bits 1 and 0 (RLW1, RLW0) in the refresh control register (RCR)
are inserted into the CAS-before-RAS refresh cycle.
10.4.5 Reset-
Synchronized PWM
Mode
Figure 10.31
Procedure for
Selecting Reset-
Synchronized PWM
Mode
273
Description of PFC setting added
10.4.6
Complementary
PWM Mode
Figure 10.33
Procedure for
Selecting
Complementary
PWM Mode
276
Description of PFC setting added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com