Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 28Page - Renesas Technology Corp SH7032 Datasheet HTML 29Page - Renesas Technology Corp SH7032 Datasheet HTML 30Page - Renesas Technology Corp SH7032 Datasheet HTML 31Page - Renesas Technology Corp SH7032 Datasheet HTML 32Page - Renesas Technology Corp SH7032 Datasheet HTML 33Page - Renesas Technology Corp SH7032 Datasheet HTML 34Page - Renesas Technology Corp SH7032 Datasheet HTML 35Page - Renesas Technology Corp SH7032 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 687 page
background image
Section 1 Overview
Rev. 7.00 Jan 31, 2006 page 6 of 658
REJ09B0272-0700
Table 1.2
Product Lineup
Product
Number
On-Chip
ROM
Operating
Voltage
Operating
Frequency
Temperature
Range
Model
Marking
Model No.*
2
Package
SH7032
ROMless 5.0 V
2 to 20 MHz
-20 to +75
°C
HD6417032F20
HD6417032F20
112-pin plastic
-40 to +85
°C
HD6417032FI20
HD6417032FI20
3.3 V
2 to 12.5 MHz -20 to +75
°C
HD6417032VF12
HD6417032VF12
QFP
(PRQP0112JA-A)
-40 to +85
°C
HD6417032VFI12
HD6417032VFI12
SH7034
PROM
5.0 V
2 to 20 MHz
-20 to +75
°C
HD6477034F20
HD6477034F20
112-pin plastic
-40 to +85
°C
HD6477034FI20
HD6477034FI20
3.3 V
2 to12.5 MHz
-20 to +75
°C
HD6477034VF12
HD6477034VF12
QFP
(PRQP0112JA-A)
5.0 V
2 to 20 MHz
-20 to +75
°C
HD6477034X20
HD6477034TE20
120-pin plastic
TQFP
(PTQP0120LA-A)
Mask
5.0 V
2 to 20 MHz
-20 to +75
°C
HD6437034AF20
HD6437034AF20
112-pin plastic
ROM
-40 to +85
°C
HD6437034AFI20
HD6437034AFI20
3.3 V
2 to 12.5 MHz -20 to +75
°C
HD6437034AVF12
HD6437034AF12
QFP
(PRQP0112JA-A)
-40 to +85
°C
HD6437034AVFI12 HD6437034AFI12
5.0 V
2 to 20 MHz
-20 to +75
°C
HD6437034AX20
HD6437034ATE20 120-pin plastic
-40 to +85
°C
HD6437034AXI20
HD6437034ATEI20
3.3 V
2 to 12.5 MHz -20 to +75
°C
HD6437034AVX12
HD6437034ATE12
TQFP
(PTQP0120LA-A)
-40 to +85
°C
HD6437034AVXI12 HD6437034ATEI12
ROMless 5.0 V
2 to 20 MHz
-20 to +75
°C
HD6417034F20
HD6417034F20
112-pin plastic
-40 to +85
°C
HD6417034FI20
HD6417034FI20
3.3 V
2 to 12.5 MHz -20 to +75
°C
HD6417034VF12
HD6417034VF12
QFP
(PRQP0112JA-A)
-40 to +85
°C
HD6417034VFI12
HD6417034VFI12
5.0 V
2 to 20 MHz
-20 to +75
°C
HD6417034X20
HD6417034TE20
120-pin plastic
-40 to +85
°C
HD6417034XI20
HD6417034TEI20
3.3 V
2 to 12.5 MHz -20 to +75
°C
HD6417034VX12
HD6417034VTE12
TQFP
(PTQP0120LA-A)
-40 to +85
°C
HD6417034VXI12
HD6417034VTEI12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com