Electronic Components Datasheet Search
  English  ▼

X  

SH7032 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7032
Description  32-Bit RISC Microcomputer
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7032 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7032 Datasheet HTML 97Page - Renesas Technology Corp SH7032 Datasheet HTML 98Page - Renesas Technology Corp SH7032 Datasheet HTML 99Page - Renesas Technology Corp SH7032 Datasheet HTML 100Page - Renesas Technology Corp SH7032 Datasheet HTML 101Page - Renesas Technology Corp SH7032 Datasheet HTML 102Page - Renesas Technology Corp SH7032 Datasheet HTML 103Page - Renesas Technology Corp SH7032 Datasheet HTML 104Page - Renesas Technology Corp SH7032 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 687 page
background image
Section 5 Interrupt Controller (INTC)
Rev. 7.00 Jan 31, 2006 page 75 of 658
REJ09B0272-0700
those two modules have the same priority. A reset initializes IPRA–IPRE to H'0000. These
registers are not initialized in standby mode.
5.3.2
Interrupt Control Register (ICR)
ICR is a 16-bit register that sets the input detection mode of external interrupt input pins NMI and
IRQ0–IRQ7, and indicates the input signal level at the NMI pin. A reset initializes ICR but
standby mode does not.
Bit:
15
14
13
12
11
10
9
8
NMIL
——————
NMIE
Initial value
*
0000000
Read/Write
R
——————
R/W
Bit
76543210
IRQ0S
IRQ1S
IRQ2S
IRQ3S
IRQ4S
IRQ5S
IRQ6S
IRQ7S
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: * When NMI input is high: 1; when NMI input is low: 0
Bit 15
NMI input level (NMIL): NMIL sets the level of the signal input at the NMI pin. NMIL
cannot be modified. The NMI input level can be read to determine the NMI pin level.
Bit 15: NMIL
Description
0
NMI input level is low
1
NMI input level is high
Bits 14–9
Reserved: These bits are always read as 0. The write value should always be 0.
Bit 8
NMI Edge Select (NMIE): NMIE selects whether the falling or rising edge of the
interrupt request signal at the NMI pin is sensed.
Bit 8: NMIE
Description
0
Interrupt is requested on falling edge of NMI input
(Initial value)
1
Interrupt is requested on rising edge of NMI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com