Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 377Page - Renesas Technology Corp SH7108 Datasheet HTML 378Page - Renesas Technology Corp SH7108 Datasheet HTML 379Page - Renesas Technology Corp SH7108 Datasheet HTML 380Page - Renesas Technology Corp SH7108 Datasheet HTML 381Page - Renesas Technology Corp SH7108 Datasheet HTML 382Page - Renesas Technology Corp SH7108 Datasheet HTML 383Page - Renesas Technology Corp SH7108 Datasheet HTML 384Page - Renesas Technology Corp SH7108 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 347 of 522
REJ09B0069-0100
11.7
Usage Notes
11.7.1
Module Standby Mode Setting
Operation of the A/D converter can be disabled or enabled using the module standby control
register. The initial setting is for operation of the A/D converter to be halted. Register access is
enabled by clearing module standby mode. For details, refer to section 18, Power-Down Modes.
11.7.2
Permissible Signal Source Impedance
This LSI's analog input is designed such that conversion accuracy is guaranteed for an input signal
for which the signal source impedance is 1 k
Ω or less than 3 kΩ. (For details, see table 11.6.) This
specification is provided to enable the A/D converter's sample-and-hold circuit input capacitance
to be charged within the sampling time; if the sensor output impedance is 1 k
Ω or exceeds 3 kΩ,
charging may be insufficient and it may not be possible to guarantee A/D conversion accuracy.
However, for A/D conversion in single mode with a large capacitance provided externally, the
input load will essentially comprise only the internal input resistance of 10 k
Ω, and the signal
source impedance is ignored. However, as a low-pass filter effect is obtained in this case, it may
not be possible to follow an analog signal with a large differential coefficient (e.g., 5 mV/
μs or
greater) (see figure 11.7). When converting a high-speed analog signal or converting in scan
mode, a low-impedance buffer should be inserted.
11.7.3
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute accuracy. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board (i.e, acting as antennas).
20 pF
10 k
Ω
Cin =
15 pF
Sensor output
impedance of
up to 3 k
Ω or to 3 kΩ
This LSI
Low-pass
filter
C to 0.1
μF
Sensor input
A/D converter
equivalent circuit
Figure 11.7 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com