Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 373Page - Renesas Technology Corp SH7108 Datasheet HTML 374Page - Renesas Technology Corp SH7108 Datasheet HTML 375Page - Renesas Technology Corp SH7108 Datasheet HTML 376Page - Renesas Technology Corp SH7108 Datasheet HTML 377Page - Renesas Technology Corp SH7108 Datasheet HTML 378Page - Renesas Technology Corp SH7108 Datasheet HTML 379Page - Renesas Technology Corp SH7108 Datasheet HTML 380Page - Renesas Technology Corp SH7108 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 343 of 522
REJ09B0069-0100
Table 11.3
A/D Conversion Time (Single Mode)
CKS1 = 0
CKS1 = 1
CKS0 = 0
CKS0 = 1
CKS0 = 0
CKS0 = 1
Item
Symbol
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
A/D conversion
start delay time
t
D
31
—
62
15
—
30
7
—
14
3
—
6
Input sampling
time
t
SPL
—
256
—
—
128
—
—
64
—
—
32
—
A/D conversion
time
t
CONV
1024 —
1055
515
—
530
259
—
266
131
—
134
Note:
All values represent the number of states for P
φ.
Table 11.4
A/D Conversion Time (Scan Mode)
CKS1
CKS0
Conversion Time (State)
0
1024 (Fixed)
0
1
512 (Fixed)
1
0
256 (Fixed)
1
128 (Fixed)
11.4.5
A/D Converter Activation by MTU or MMT
The A/D converter can be independently activated by an A/D conversion request from the interval
timer of the MTU or MMT.
To activate the A/D converter by the MTU or MMT, set the A/D trigger select register (ADTSR).
After this register setting has been made, the ADST bit in ADCR is automatically set to 1 when an
A/D conversion request from the interval timer of the MTU or MMT occurs. The timing from
setting of the ADST bit until the start of A/D conversion is the same as when 1 is written to the
ADST bit by software.
11.4.6
External Trigger Input Timing
A/D conversion can be externally triggered. When the TRGS0 and TRGS1 bits are set to 00 or 01
in ADTSR, external trigger input is enabled at the
ADTRG pin. A falling edge of the ADTRG pin
sets the ADST bit to 1 in ADCR, starting A/D conversion. Other operations, in both single and
scan modes, are the same as when the ADST bit has been set to 1 by software. Figure 11.4 shows
the timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com