Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 372Page - Renesas Technology Corp SH7108 Datasheet HTML 373Page - Renesas Technology Corp SH7108 Datasheet HTML 374Page - Renesas Technology Corp SH7108 Datasheet HTML 375Page - Renesas Technology Corp SH7108 Datasheet HTML 376Page - Renesas Technology Corp SH7108 Datasheet HTML 377Page - Renesas Technology Corp SH7108 Datasheet HTML 378Page - Renesas Technology Corp SH7108 Datasheet HTML 379Page - Renesas Technology Corp SH7108 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 342 of 522
REJ09B0069-0100
11.4.4
Input Sampling and A/D Conversion Time
The A/D converter has an on-chip sample-and-hold circuit for each module. The A/D converter
samples the analog input when the A/D conversion start delay time (t
D) has passed after the ADST
bit in ADCR is set to 1, then starts conversion. Figure 11.3 shows the A/D conversion timing.
Table 11.3 shows the A/D conversion time.
As indicated in figure 11.3, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL).
The length of t
D varies depending on the timing of the write access to ADCR. The total
conversion time therefore varies within the ranges indicated in table 11.3.
In scan mode, the values given in table 11.3 apply to the first conversion time. The values given
in table 11.4 apply to the second and subsequent conversions.
P
φ
A/D converter
A/D conversion
A/D conversion start
delay time(tD)
A/D conversion time (tCONV)
Analog input
sampling time(tSPL)
ADST write timing
End of A/D conversion
ADF
Address
Write cycle
A/D synchronization time
(3 states)
(Up to
59 states)
Internal write
signal
Analog input
sampling
signal
Idle state
Sample-and-hold
Figure 11.3 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com