Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 368Page - Renesas Technology Corp SH7108 Datasheet HTML 369Page - Renesas Technology Corp SH7108 Datasheet HTML 370Page - Renesas Technology Corp SH7108 Datasheet HTML 371Page - Renesas Technology Corp SH7108 Datasheet HTML 372Page - Renesas Technology Corp SH7108 Datasheet HTML 373Page - Renesas Technology Corp SH7108 Datasheet HTML 374Page - Renesas Technology Corp SH7108 Datasheet HTML 375Page - Renesas Technology Corp SH7108 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 338 of 522
REJ09B0069-0100
Bit
Bit Name
Initial Value
R/W
Description
1
0
TRG0S1
TRG0S0
0
0
R/W
R/W
AD Trigger 0 Select 1 and 0
Enable the start of A/D conversion by A/D0 with a
trigger signal.
00: A/D conversion start by external trigger pin
(
ADTRG) or MTU trigger is enabled
01: A/D conversion start by external trigger pin
(
ADTRG) is enabled
10: A/D conversion start by MTU trigger is enabled
11: A/D conversion start by MMT trigger is enabled
When changing the operating mode, first clear the
TRGE and ADST bits in the A/D control registers
(ADCRs) to 0.
11.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes; single mode and scan mode. There are two kinds of scan mode: continuous
mode and single-cycle mode. When changing the operating mode or analog input channel, in order
to prevent incorrect operation, first clear the ADST bit to 0 in ADCR. The ADST bit can be set at
the same time when the operating mode is changed.
11.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the specified single channel. The
operations are as follows.
1. A/D conversion is started when the ADST bit in ADCR is set to 1, according to software,
MTU, MMT, or external trigger input.
2. When A/D conversion is completed, the result is transferred to the A/D data register
corresponding to the channel.
3. On completion of conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to 1 at
this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion. When A/D conversion ends, the ADST
bit is automatically cleared to 0 and the A/D converter enters the idle state.
When the ADST bit is cleared to 0 during A/D conversion, A/D conversion stops and the A/D
converter enters the idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com