Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 365Page - Renesas Technology Corp SH7108 Datasheet HTML 366Page - Renesas Technology Corp SH7108 Datasheet HTML 367Page - Renesas Technology Corp SH7108 Datasheet HTML 368Page - Renesas Technology Corp SH7108 Datasheet HTML 369Page - Renesas Technology Corp SH7108 Datasheet HTML 370Page - Renesas Technology Corp SH7108 Datasheet HTML 371Page - Renesas Technology Corp SH7108 Datasheet HTML 372Page - Renesas Technology Corp SH7108 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 335 of 522
REJ09B0069-0100
Table 11.2
Channel Select List
Analog Input Channels
Bit 2
Bit 1
Bit 0
Single Mode
4-Channel Scan Mode*
2
CH2
CH1
CH0
A/D0
A/D1
A/D2
A/D0
A/D1
A/D2
0
0
0
AN0
AN4
AN16
AN0
AN4
AN16
1
AN1
AN5
AN17
AN0, AN1
AN4, AN5
AN16, AN17
1
0
AN2
AN6
AN18
AN0 to AN2
AN4 to AN6
AN16 to AN18
1
AN3
AN7
AN19
AN0 to AN3
AN4 to AN7
AN16 to AN19
1
0
0
AN8
AN12
AN8
AN12
1
AN9
AN13
Setting
prohibited
AN8, AN9
AN12, AN13
Setting
prohibited
1
0
AN10
AN14
AN8 to AN10
AN12 to AN14
1
AN11
AN15
AN8 to AN11
AN12 to AN15
Analog Input Channels
Bit 2
Bit 1
Bit 0
8-Channel Scan Mode (Only in SH7109)*
2
CH2
CH1
CH0
A/D0
A/D1
0*
1
0
0
AN0, AN8
AN4, AN12
1
AN0, AN1, AN8, AN9
AN4, AN5, AN12, AN13
1
0
AN0 to AN2, AN8 to AN10
AN4 to AN6, AN12 to AN14
1
AN0 to AN3, AN8 to AN11
AN4 to AN7, AN12 to AN15
Notes: 1. In 8-channel scan mode, the CH2 bit must be cleared to 0.
2. Continuous scan mode or single-cycle scan mode can be selected with the ADCS bit.
11.3.3
A/D Control Registers_0 to 2 (ADCR_0 to ADCR_2)
ADCR for each module controls A/D conversion started by an external trigger signal and selects
the operating clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com