Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 361Page - Renesas Technology Corp SH7108 Datasheet HTML 362Page - Renesas Technology Corp SH7108 Datasheet HTML 363Page - Renesas Technology Corp SH7108 Datasheet HTML 364Page - Renesas Technology Corp SH7108 Datasheet HTML 365Page - Renesas Technology Corp SH7108 Datasheet HTML 366Page - Renesas Technology Corp SH7108 Datasheet HTML 367Page - Renesas Technology Corp SH7108 Datasheet HTML 368Page - Renesas Technology Corp SH7108 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 331 of 522
REJ09B0069-0100
11.2
Input/Output Pins
Table 11.1 summarizes the input pins used by the A/D converter. The SH7108 has three A/D
conversion modules and the SH7109 two A/D conversion modules, each of which can be operated
independently. The input channels are divided into four channel sets.
The analog input pins that can be used differ in each product type, as shown in table 11.1.
Table 11.1
Pin Configuration
Product Type
Module Type
Pin Name
I/O
Function
SH7108
SH7109
Common
AV
CC
Input
Analog block power supply and
reference voltage
Usable
Usable
AV
SS
Input
Analog block ground and reference
voltage
Usable
Usable
ADTRG
Input
A/D external trigger input pin
Usable
Usable
AN0
Input
Analog input pin 0
Group 0
Not usable
Usable
A/D module 0
(A/D0)
AN1
Input
Analog input pin 1
AN2
Input
Analog input pin 2
AN3
Input
Analog input pin 3
AN8
Input
Analog input pin 8
Group 1
Usable
Usable
AN9
Input
Analog input pin 9
AN10
Input
Analog input pin 10
AN11
Input
Analog input pin 11
AN4
Input
Analog input pin 4
Group 0
Not usable
Usable
A/D module 1
(A/D1)
AN5
Input
Analog input pin 5
AN6
Input
Analog input pin 6
AN7
Input
Analog input pin 7
AN12
Input
Analog input pin 12
Group 1
Usable
Usable
AN13
Input
Analog input pin 13
AN14
Input
Analog input pin 14
AN15
Input
Analog input pin 15
AN16
Input
Analog input pin 16
Group 0
Usable
Not usable
A/D module 2
(A/D2)
AN17
Input
Analog input pin 17
AN18
Input
Analog input pin 18
AN19
Input
Analog input pin 19
Note:
The connected A/D module differs for each pin. The control registers of each module must
be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com