Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 358Page - Renesas Technology Corp SH7108 Datasheet HTML 359Page - Renesas Technology Corp SH7108 Datasheet HTML 360Page - Renesas Technology Corp SH7108 Datasheet HTML 361Page - Renesas Technology Corp SH7108 Datasheet HTML 362Page - Renesas Technology Corp SH7108 Datasheet HTML 363Page - Renesas Technology Corp SH7108 Datasheet HTML 364Page - Renesas Technology Corp SH7108 Datasheet HTML 365Page - Renesas Technology Corp SH7108 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 328 of 522
REJ09B0069-0100
10.8.5
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (ORER, PER, or FER) is set to 1, even if
the TDRE flag is cleared to 0. Be sure to clear the receive error flags to 0 before starting
transmission. Note also that receive error flags cannot be cleared to 0 even if the RE bit is cleared
to 0.
10.8.6
Cautions on Clocked Synchronous External Clock Mode
1. Set TE = RE = 1 only when external clock SCK is 1.
2. Do not set TE = RE = 1 until at least four P
φ clocks after external clock SCK has changed
from 0 to 1.
3. When receiving, RDRF is 1 when RE is cleared to 0 after 2.5 to 3.5 P
φ clocks from the rising
edge of the SCK input of the D7 bit in RxD, but copying to RDR is not possible.
10.8.7
Caution on Clocked Synchronous Internal Clock Mode
When receiving, RDRF is 1 when RE is cleared to 0 after 1.5 P
φ clocks from the rising edge of the
SCK output of the D7 bit in RxD, but copying to RDR is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com