Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 355Page - Renesas Technology Corp SH7108 Datasheet HTML 356Page - Renesas Technology Corp SH7108 Datasheet HTML 357Page - Renesas Technology Corp SH7108 Datasheet HTML 358Page - Renesas Technology Corp SH7108 Datasheet HTML 359Page - Renesas Technology Corp SH7108 Datasheet HTML 360Page - Renesas Technology Corp SH7108 Datasheet HTML 361Page - Renesas Technology Corp SH7108 Datasheet HTML 362Page - Renesas Technology Corp SH7108 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 325 of 522
REJ09B0069-0100
Yes
<End>
[1]
No
Initialization
Start transmission/reception
[5]
Error processing
[3]
No
Yes
ORER = 1
All data received?
[2]
Read TDRE flag in SSR
No
Yes
TDRE = 1
Write transmit data to TDR and
clear TDRE flag in SSR to 0
No
Yes
RDRF = 1
Read ORER flag in SSR
[4]
Read RDRF flag in SSR
[1] SCI initialization:
Set the TxD and RxD pins using the PFC.
[2] SCI status check and transmit data write:
Read SSR and check that the TDRE flag
is set to 1, then write transmit data to
TDR and clear the TDRE flag to 0.
Transition of the TDRE flag from 0 to 1
can also be identified by a TXI interrupt.
[3] Receive error processing:
If a receive error occurs, read the ORER
flag in SSR, and after performing the
appropriate error processing, clear the
ORER flag to 0. Transmission/reception
cannot be resumed if the ORER flag is
set to 1.
[4] SCI status check and receive data read:
Read SSR and check that the RDRF flag
is set to 1, then read the receive data in
RDR and clear the RDRF flag to 0.
Transition of the RDRF flag from 0 to 1
can also be identified by an RXI interrupt.
[5] Serial transmission/reception continuation
procedure:
To continue serial transmission/
reception, before the MSB (bit 7) of the
current frame is received, finish reading
the RDRF flag, reading RDR, and
clearing the RDRF flag to 0. Also, before
the MSB (bit 7) of the current frame is
transmitted, read 1 from the TDRE flag to
confirm that writing is possible. Then
write data to TDR and clear the TDRE
flag to 0.
Note: When switching from transmit or receive operation to simultaneous transmit and receive operations,
first clear the TE bit and RE bit to 0, then set both these bits to 1 simultaneously.
Clear TE and RE bits in SCR to 0
Read receive data in RDR, and
clear RDRF flag in SSR to 0
Figure 10.20 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com