Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 352Page - Renesas Technology Corp SH7108 Datasheet HTML 353Page - Renesas Technology Corp SH7108 Datasheet HTML 354Page - Renesas Technology Corp SH7108 Datasheet HTML 355Page - Renesas Technology Corp SH7108 Datasheet HTML 356Page - Renesas Technology Corp SH7108 Datasheet HTML 357Page - Renesas Technology Corp SH7108 Datasheet HTML 358Page - Renesas Technology Corp SH7108 Datasheet HTML 359Page - Renesas Technology Corp SH7108 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 322 of 522
REJ09B0069-0100
10.6.4
Serial Data Reception (Clocked Synchronous Mode)
Figure 10.18 shows an example of SCI operation for reception in clocked synchronous mode. In
serial reception, the SCI operates as described below.
1. The SCI performs internal initialization in synchronization with a synchronization clock input
or output, starts receiving data, and stores the received data in RSR.
2. If an overrun error (when reception of the next data is completed while the RDRF flag is still
set to 1) occurs, the ORER bit in SSR is set to 1. If the RIE bit in SCR is set to 1 at this time,
an ERI interrupt request is generated. Receive data is not transferred to RDR. The RDRF flag
remains to be set to 1.
3. If reception finishes successfully, the RDRF bit in SSR is set to 1, and receive data is
transferred to RDR. If the RIE bit in SCR is set to 1 at this time, an RXI interrupt request is
generated. Because the RXI interrupt processing routine reads the receive data transferred to
RDR before reception of the next receive data has finished, continuous reception can be
enabled.
Bit 7
Serial data
Synchroniza-
tion clock
1 frame
RDRF
ORER
Bit 0
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
RXI interrupt
request
generated
RDR data read and
RDRF flag cleared
to 0 in RXI interrupt
processing routine
ERI interrupt
request generated
by overrun error
RXI interrupt
request
generated
Figure 10.18 Example of SCI Operation in Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com