Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 348Page - Renesas Technology Corp SH7108 Datasheet HTML 349Page - Renesas Technology Corp SH7108 Datasheet HTML 350Page - Renesas Technology Corp SH7108 Datasheet HTML 351Page - Renesas Technology Corp SH7108 Datasheet HTML 352Page - Renesas Technology Corp SH7108 Datasheet HTML 353Page - Renesas Technology Corp SH7108 Datasheet HTML 354Page - Renesas Technology Corp SH7108 Datasheet HTML 355Page - Renesas Technology Corp SH7108 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 318 of 522
REJ09B0069-0100
10.6
Operation in Clocked Synchronous Mode
Figure 10.14 shows the general format for clocked synchronous communication. In clocked
synchronous mode, data is transmitted or received in synchronization with clock pulses. Data is
transferred in 8-bit units. In clocked synchronous serial communication, data on the transmission
line is output from one falling edge of the serial clock to the next. In clocked synchronous mode,
the SCI receives data in synchronization with the rising edge of the serial clock. After 8-bit data is
output, the transmission line holds the MSB state. In clocked synchronous mode, no parity or
multiprocessor bit is added. Inside the SCI, the transmitter and receiver are independent units,
enabling full-duplex communication by use of a common clock. Both the transmitter and the
receiver also have a double-buffered structure, so that data can be read or written during
transmission or reception, enabling continuous data transfer.
Don’t care
Don’t care
One unit of transfer data (character or frame)
Bit 0
Serial data
Synchronization
clock
Bit 1
Bit 3
Bit 4
Bit 5
LSB
MSB
Bit 2
Bit 6
Bit 7
*
*
Note: * High except in continuous transfer
Figure 10.14 Data Format in Clocked Synchronous Communication (For LSB-First)
10.6.1
Clock
Either an internal clock generated by the on-chip baud rate generator or an external
synchronization clock input at the SCK pin can be selected, according to the setting of the CKE1
and CKE0 bits in SCR. When the SCI is operated on an internal clock, the serial clock is output
from the SCK pin. Eight serial clock pulses are output in the transfer of one character, and when
no transfer is performed, the clock is fixed high. Note, however, that in receive mode only, the
sync clock will be output until either an overrun error occurs or the RE bit is cleared to 0. Select
the external clock as the clock source to perform reception operations in single character units.
10.6.2
SCI Initialization (Clocked Synchronous Mode)
Before transmitting and receiving data, you should first clear the TE and RE bits in SCR to 0, then
initialize the SCI as described in a sample flowchart in figure 10.15. When the operating mode,
transfer format, etc., is changed, the TE and RE bits must be cleared to 0 before making the
change using the following procedure. When the TE bit is cleared to 0, the TDRE flag is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com