Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 346Page - Renesas Technology Corp SH7108 Datasheet HTML 347Page - Renesas Technology Corp SH7108 Datasheet HTML 348Page - Renesas Technology Corp SH7108 Datasheet HTML 349Page - Renesas Technology Corp SH7108 Datasheet HTML 350Page - Renesas Technology Corp SH7108 Datasheet HTML 351Page - Renesas Technology Corp SH7108 Datasheet HTML 352Page - Renesas Technology Corp SH7108 Datasheet HTML 353Page - Renesas Technology Corp SH7108 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 316 of 522
REJ09B0069-0100
Yes
<End>
[1]
No
Initialization
Start reception
No
Yes
[4]
Clear RE bit in SCR to 0
Error processing
(Continued on
next page)
[5]
No
Yes
FER ORER = 1
RDRF = 1
All data received?
Set MPIE bit in SCR to 1
[2]
Read ORER and FER flags
in SSR
Read RDRF flag in SSR
[3]
Read receive data in RDR
No
Yes
This station’s ID?
Read ORER and FER flags
in SSR
Yes
No
Read RDRF flag in SSR
No
Yes
FER ORER = 1
Read receive data in RDR
RDRF = 1
[1] SCI initialization:
Set the RxD pin using the PFC.
[2] ID reception cycle:
Set the MPIE bit in SCR to 1.
[3] SCI status check, ID reception and
comparison:
Read SSR and check that the RDRF
flag is set to 1, then read the receive
data in RDR and compare it with this
station’s ID.
If the data is not this station’s ID, set the
MPIE bit to 1 again, and clear the RDRF
flag to 0.
If the data is this station’s ID, clear the
RDRF flag to 0.
[4] SCI status check and data reception:
Read SSR and check that the RDRF
flag is set to 1, then read the data in
RDR.
[5] Receive error processing and break
detection:
If a receive error occurs, read the ORER
and FER flags in SSR to identify the
error. After performing the appropriate
error processing, ensure that the ORER
and FER flags are all cleared to 0.
Reception cannot be resumed if either
of these flags is set to 1.
In the case of a framing error, a break
can be detected by reading the RxD pin
value.
Figure 10.13 Sample Multiprocessor Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com