Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 344Page - Renesas Technology Corp SH7108 Datasheet HTML 345Page - Renesas Technology Corp SH7108 Datasheet HTML 346Page - Renesas Technology Corp SH7108 Datasheet HTML 347Page - Renesas Technology Corp SH7108 Datasheet HTML 348Page - Renesas Technology Corp SH7108 Datasheet HTML 349Page - Renesas Technology Corp SH7108 Datasheet HTML 350Page - Renesas Technology Corp SH7108 Datasheet HTML 351Page - Renesas Technology Corp SH7108 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 314 of 522
REJ09B0069-0100
10.5.1
Multiprocessor Serial Data Transmission
Figure 10.11 shows a sample flowchart for multiprocessor serial data transmission. For an ID
transmission cycle, set the MPBT bit in SSR to 1 before transmission. For a data transmission
cycle, clear the MPBT bit in SSR to 0 before transmission. All other SCI operations are the same
as those in asynchronous mode.
No
<End>
[1]
Yes
Initialization
Start transmission
Read TDRE flag in SSR
[2]
No
Yes
No
Yes
Read TEND flag in SSR
[3]
No
Yes
[4]
Clear DR to 0
Clear TE bit in SCR to 0;
select the TxD pin
as an output port with the PFC
TDRE = 1
All data transmitted?
TEND = 1
Break output?
Clear TDRE flag to 0
[1] SCI initialization:
Set the TxD pin using the PFC.
After the TE bit is set to 1, 1 is
output for one frame, and
transmission is enabled.
[2] SCI status check and transmit
data write:
Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR. Set the
MPBT bit in SSR to 0 or 1.
Finally, clear the TDRE flag to 0.
[3] Serial transmission continuation
procedure:
To continue serial transmission,
be sure to read 1 from the TDRE
flag to confirm that writing is
possible, then write data to TDR,
and then clear the TDRE flag to
0.
[4] Break output at the end of serial
transmission:
To output a break in serial
transmission, first clear the port
data register (DR) to 0, then
clear the TE bit to 0 in SCR and
use the PFC to select the TxD
pin as an output port.
Write transmit data to TDR and
set MPBT bit in SSR
Figure 10.11 Sample Multiprocessor Serial Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com