Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 354Page - Renesas Technology Corp SH7108 Datasheet HTML 355Page - Renesas Technology Corp SH7108 Datasheet HTML 356Page - Renesas Technology Corp SH7108 Datasheet HTML 357Page - Renesas Technology Corp SH7108 Datasheet HTML 358Page - Renesas Technology Corp SH7108 Datasheet HTML 359Page - Renesas Technology Corp SH7108 Datasheet HTML 360Page - Renesas Technology Corp SH7108 Datasheet HTML 361Page - Renesas Technology Corp SH7108 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 324 of 522
REJ09B0069-0100
10.6.5
Simultaneous Serial Data Transmission and Reception (Clocked Synchronous
Mode)
Figure 10.20 shows a sample flowchart for simultaneous serial transmit and receive operations.
The following procedure should be used for simultaneous serial data transmit and receive
operations after the SCI initialization. To switch from transmit mode to simultaneous transmit and
receive mode, after checking that the SCI has finished transmission and the TDRE and TEND
flags are set to 1, clear TE to 0. Then simultaneously set TE and RE to 1 with a single instruction.
To switch from receive mode to simultaneous transmit and receive mode, after checking that the
SCI has finished reception, clear RE to 0. Then after checking that the RDRF and receive error
flags (ORER, FER, and PER) are cleared to 0, simultaneously set TE and RE to 1 with a single
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com