| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 360 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 360 Page - Renesas Technology Corp |
|
360 / 560 page ![]() Section 10 Serial Communication Interface (SCI) Rev.1.00 Sep. 18, 2008 Page 326 of 522 REJ09B0069-0100 10.7 Interrupt Sources 10.7.1 Interrupts in Normal Serial Communication Interface Mode Table 10.10 shows the interrupt sources in normal serial communication interface mode. A different interrupt vector is assigned to each interrupt source, and individual interrupt sources can be enabled or disabled using the enable bits in SCR. When the TDRE flag in SSR is set to 1, a TXI interrupt request is generated. When the TEND flag in SSR is set to 1, a TEI interrupt request is generated. When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated. When the ORER, PER, or FER flag in SSR is set to 1, an ERI interrupt request is generated. A TEI interrupt is generated when the TEND flag is set to 1 while the TEIE bit is set to 1. If a TEI interrupt and a TXI interrupt are generated simultaneously, the TXI interrupt has priority for acceptance. However, note that if the TDRE and TEND flags are cleared simultaneously by the TXI interrupt routine, the SCI cannot branch to the TEI interrupt routine later. Table 10.10 SCI Interrupt Sources Channel Name Interrupt Source Interrupt Flag ERI_2 Receive error ORER, FER, PER RXI_2 Receive data full RDRF TXI_2 Transmit data empty TDRE 2 TEI_2 Transmission end TEND 3 ERI_3 Receive error ORER, FER, PER RXI_3 Receive data full RDRF TXI_3 Transmit data empty TDRE TEI_3 Transmission end TEND |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |