Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 363Page - Renesas Technology Corp SH7108 Datasheet HTML 364Page - Renesas Technology Corp SH7108 Datasheet HTML 365Page - Renesas Technology Corp SH7108 Datasheet HTML 366Page - Renesas Technology Corp SH7108 Datasheet HTML 367Page - Renesas Technology Corp SH7108 Datasheet HTML 368Page - Renesas Technology Corp SH7108 Datasheet HTML 369Page - Renesas Technology Corp SH7108 Datasheet HTML 370Page - Renesas Technology Corp SH7108 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 333 of 522
REJ09B0069-0100
11.3.1
A/D Data Registers 0 to 19 (ADDR0 to ADDR19)
ADDRs are 16-bit read-only registers. The conversion result for each analog input channel is
stored in ADDR with the corresponding number. (For example, the conversion result of AN4 is
stored in ADDR4.)
The converted 10-bit data is stored in bits 6 to 15. The lower 6 bits are always read as 0.
The data bus between the CPU and the A/D converter is 8 bits wide. The upper byte can be read
directly from the CPU, however the lower byte should be read via a temporary register. The
temporary register contents are transferred from the ADDR when the upper byte data is read.
When reading the ADDR, read the upper byte before the lower byte, or read in word unit. The
initial value of ADDR is H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com