Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 369Page - Renesas Technology Corp SH7108 Datasheet HTML 370Page - Renesas Technology Corp SH7108 Datasheet HTML 371Page - Renesas Technology Corp SH7108 Datasheet HTML 372Page - Renesas Technology Corp SH7108 Datasheet HTML 373Page - Renesas Technology Corp SH7108 Datasheet HTML 374Page - Renesas Technology Corp SH7108 Datasheet HTML 375Page - Renesas Technology Corp SH7108 Datasheet HTML 376Page - Renesas Technology Corp SH7108 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 560 page
background image
Section 11 A/D Converter
Rev.1.00 Sep. 18, 2008 Page 339 of 522
REJ09B0069-0100
11.4.2
Continuous Scan Mode
In continuous scan mode, A/D conversion is to be performed sequentially on the specified
channels (four channels maximum in the SH7108 and eight channels maximum in the SH7109).
The operations are as follows.
1. When the ADST bit in ADCR is set to 1 by software, MTU, MMT, or external trigger input,
A/D conversion starts on the channel with the lowest number in the group (AN0, AN1, ...,
AN7).
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested after A/D conversion ends.
Conversion of the first channel in the group starts again.
4. The ADST bit is not cleared automatically. Steps 2 to 3 are repeated as long as the ADST bit
remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops and the A/D
converter enters the idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com