Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 432Page - Renesas Technology Corp SH7108 Datasheet HTML 433Page - Renesas Technology Corp SH7108 Datasheet HTML 434Page - Renesas Technology Corp SH7108 Datasheet HTML 435Page - Renesas Technology Corp SH7108 Datasheet HTML 436Page - Renesas Technology Corp SH7108 Datasheet HTML 437Page - Renesas Technology Corp SH7108 Datasheet HTML 438Page - Renesas Technology Corp SH7108 Datasheet HTML 439Page - Renesas Technology Corp SH7108 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 402 of 522
REJ09B0069-0100
Pin Name
Pin No.
Single Chip Mode
SH7108
Initial Function
Settable Function by PFC
73
EXTAL
EXTAL
74
XTAL
XTAL
75
PLLVCL
PLLVCL
76
PLLCAP
PLLCAP
77
PLLVss
PLLVss
78
WDTOVF
WDTOVF
79
PE0
PE0/TIOC0A
80
PE1
PE1/TIOC0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com