Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 433Page - Renesas Technology Corp SH7108 Datasheet HTML 434Page - Renesas Technology Corp SH7108 Datasheet HTML 435Page - Renesas Technology Corp SH7108 Datasheet HTML 436Page - Renesas Technology Corp SH7108 Datasheet HTML 437Page - Renesas Technology Corp SH7108 Datasheet HTML 438Page - Renesas Technology Corp SH7108 Datasheet HTML 439Page - Renesas Technology Corp SH7108 Datasheet HTML 440Page - Renesas Technology Corp SH7108 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 403 of 522
REJ09B0069-0100
Table 14.12 SH7109 Pin Functions in Each Operating Mode (1)
Pin Name
Pin No.
On-Chip ROM Disabled
On-Chip ROM Enabled
SH7109
Initial Function
Settable Function by PFC
Initial Function
Settable Function by PFC
15, 53, 72,
84
Vcc
Vcc
Vcc
Vcc
13, 29, 50,
74, 82
Vss
Vss
Vss
Vss
27, 77
VCL
VCL
VCL
VCL
33, 46
AVcc
AVcc
AVcc
AVcc
30, 49
AVss
AVss
AVss
AVss
1
WDTOVF
WDTOVF
WDTOVF
WDTOVF
2
CS0
CS0
PE0
PE0/TIOC0A/
CS0
3
PE1
PE1/TIOC0B
PE1
PE1/TIOC0B
4
PE2
PE2/TIOC0C
PE2
PE2/TIOC0C
5
PE3
PE3/TIOC0D
PE3
PE3/TIOC0D
6
A6
A6
PE4
PE4/TIOC1A/RxD3/A6
7
A7
A7
PE5
PE5/TIOC1B/TxD3/A7
8
A8
A8
PE6
PE6/TIOC2A/SCK3/A8
9
A9
A9
PE7
PE7/TIOC2B/RxD2/A9
10
PE8
PE8/TIOC3A/SCK2
PE8
PE8/TIOC3A/SCK2
11
ASEBRKAK
ASEBRKAK
ASEBRKAK
ASEBRKAK
12
PE9
PE9/TIOC3B
PE9
PE9/TIOC3B
14
WRL
WRL
PE10
PE10/TIOC3C/TxD2/
WRL
16
DBGMD
DBGMD
DBGMD
DBGMD
17
PE11
PE11/TIOC3D
PE11
PE11/TIOC3D
18
PE12
PE12/TIOC4A
PE12
PE12/TIOC4A
19
PE13
PE13/TIOC4B/
MRES
PE13
PE13/TIOC4B/
MRES
20
PE14
PE14/TIOC4C
PE14
PE14/TIOC4C
21
PE15
PE15/TIOC4D/
IRQOUT
PE15
PE15/TIOC4D/
IRQOUT
22
A10
A10
PE16
PE16/PUOA/A10
23
A11
A11
PE17
PE17/PVOA/
WAIT/A11
24
A12
A12
PE18
PE18/PWOA/A12
25
A13
A13
PE19
PE19/PUOB/A13
26
A14
A14
PE20
PE20/PVOB/A14
28
A15
A15
PE21
PE21/PWOB/A15
31
PF7/AN7
PF7/AN7
PF7/AN7
PF7/AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com