Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 486Page - Renesas Technology Corp SH7108 Datasheet HTML 487Page - Renesas Technology Corp SH7108 Datasheet HTML 488Page - Renesas Technology Corp SH7108 Datasheet HTML 489Page - Renesas Technology Corp SH7108 Datasheet HTML 490Page - Renesas Technology Corp SH7108 Datasheet HTML 491Page - Renesas Technology Corp SH7108 Datasheet HTML 492Page - Renesas Technology Corp SH7108 Datasheet HTML 493Page - Renesas Technology Corp SH7108 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 560 page
background image
Section 18 Power-Down Modes
Rev.1.00 Sep. 18, 2008 Page 456 of 522
REJ09B0069-0100
• MSTCR2
Bit
Bit Name
Initial
Value
R/W
Description
15
⎯
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
14
MSTP14
1
R/W
Motor management timer (MMT)
13
MSTP13
1
R/W
Multifunction timer pulse unit (MTU)
12
MSTP12
1
R/W
Compare match timer (CMT)
11 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0
7
⎯
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
6
MSTP6
1
R/W
A/D converter (A/D2)
5
MSTP5
1
R/W
A/D converter (A/D1)
4
MSTP4
1
R/W
A/D converter (A/D0)
3 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
18.3
Operation
18.3.1
Sleep Mode
(1) Transition to Sleep Mode
If a SLEEP instruction is executed while the SSBY bit in SBYCR is cleared to 0, the CPU enters
sleep mode. In sleep mode, CPU operation stops, however the contents of the CPU's internal
registers are retained. Peripheral functions except the CPU do not stop.
(2) Clearing Sleep Mode
Sleep mode is cleared by the conditions below.
• Clearing by a power-on reset
When the
RES pin is driven low, the CPU enters the reset state. When the RES pin is driven
high after the elapse of the specified reset input period, the CPU starts the reset exception
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com