Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 488Page - Renesas Technology Corp SH7108 Datasheet HTML 489Page - Renesas Technology Corp SH7108 Datasheet HTML 490Page - Renesas Technology Corp SH7108 Datasheet HTML 491Page - Renesas Technology Corp SH7108 Datasheet HTML 492Page - Renesas Technology Corp SH7108 Datasheet HTML 493Page - Renesas Technology Corp SH7108 Datasheet HTML 494Page - Renesas Technology Corp SH7108 Datasheet HTML 495Page - Renesas Technology Corp SH7108 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 560 page
background image
Section 18 Power-Down Modes
Rev.1.00 Sep. 18, 2008 Page 458 of 522
REJ09B0069-0100
(2) Clearing Software Standby Mode
Software standby mode is cleared by the condition below.
• Clearing by the NMI interrupt input
When the falling edge or rising edge of the NMI pin (selected by the NMI edge select bit
(NMIE) in ICR1 of the interrupt controller (INTC)) is detected, clock oscillation is started.
This clock pulse is supplied only to the watchdog timer (WDT).
After the elapse of the time set in the clock select bits (CKS2 to CKS0) in TCSR of the WDT
before the transition to software standby mode, the WDT overflow occurs. Since this overflow
indicates that the clock has been stabilized, clock pulse will be supplied to the entire chip after
this overflow. Software standby mode is thus cleared and the NMI exception handling is
started.
When clearing software standby mode by the NMI interrupt, set the CKS2 to CKS0 bits so that
the WDT overflow period will be longer than the oscillation stabilization time.
When software standby mode is cleared by the falling edge of the NMI pin, the NMI pin
should be high when the CPU enters software standby mode (when the clock pulse stops) and
should be low when the CPU returns from standby mode (when the clock is initiated after the
oscillation stabilization). When software standby mode is cleared by the rising edge of the
NMI pin, the NMI pin should be low when the CPU enters software standby mode (when the
clock pulse stops) and should be high when the CPU returns from software standby mode
(when the clock is initiated after the oscillation stabilization).
• Clearing by the RES pin
When the
RES pin is driven low, clock oscillation is started. At the same time as clock
oscillation is started, clock pulse is supplied to the entire chip. Ensure that the
RES pin is held
low until clock oscillation stabilizes. When the
RES pin is driven high, the CPU starts the reset
exception handling.
• Clearing by the IRQ interrupt input
When the IRQEL bit in the standby control register (SBYCR) is set to 1 and when the falling
edge or rising edge of the IRQ pin (selected by the IRQ3S to IRQ0S bits in ICR1 of the
interrupt controller (INTC) and the IRQ3ES[1:0] to IRQ0ES[1:0] bits in ICR2) is detected,
clock oscillation is started.* This clock pulse is supplied only to the watchdog timer (WDT).
The IRQ interrupt priority level should be higher than the interrupt mask level set in the status
register (SR) of the CPU before the transition to software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com