| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 495 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 495 Page - Renesas Technology Corp |
|
495 / 560 page ![]() Section 18 Power-Down Modes Rev.1.00 Sep. 18, 2008 Page 461 of 522 REJ09B0069-0100 (2) Clearing Hardware Standby Mode Hardware standby mode is cleared by means of the HSTBY pin and RES pin. When the HSTBY pin is driven high while the RES pin is low, the reset state is set and clock oscillation is started. Ensure that the RES pin is held low until the clock oscillation stabilizes. When the RES pin is then driven high, a transition is made to the program execution state via the power-on reset exception handling state. (3) Hardware Standby Mode Timing Figure 18.3 shows a transition-timing example to hardware standby mode. In this example, when the HSTBY pin is driven low, the transition to hardware standby mode is made. Hardware standby mode is cleared when the HSTBY pin is driven high and then the RES pin is driven high after the elapse of the oscillation stabilization time of the clock pulse. Oscillation stabilization time Reset exception handling Oscillator Figure 18.3 Transition Timing to Hardware Standby Mode 18.3.4 Module Standby Mode Module standby mode can be set for individual on-chip peripheral functions. When the corresponding MSTP bit in MSTCR is set to 1, module operation stops at the end of the bus cycle and a transition is made to module standby mode. The CPU continues operating independently. When the corresponding MSTP bit is cleared to 0, module standby mode is cleared and the module starts operating at the end of the bus cycle. In module standby mode, the internal states of modules are initialized. After reset clearing, the SCI, MTU, MMT, CMT, and A/D converter are in module standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |