Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 105Page - Renesas Technology Corp SH7108 Datasheet HTML 106Page - Renesas Technology Corp SH7108 Datasheet HTML 107Page - Renesas Technology Corp SH7108 Datasheet HTML 108Page - Renesas Technology Corp SH7108 Datasheet HTML 109Page - Renesas Technology Corp SH7108 Datasheet HTML 110Page - Renesas Technology Corp SH7108 Datasheet HTML 111Page - Renesas Technology Corp SH7108 Datasheet HTML 112Page - Renesas Technology Corp SH7108 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 75 of 522
REJ09B0069-0100
6.2
Input/Output Pins
Table 6.1 shows the INTC pin configuration.
Table 6.1
Pin Configuration
Name
Abbreviation
I/O
Function
Non-maskable interrupt input pin
NMI
Input
Input of non-maskable interrupt
request signal
Interrupt request input pins
IRQ0 to IRQ3
Input
Input of maskable interrupt request
signals
Interrupt request output pin
IRQOUT
Output
Output of notification signal when an
interrupt has occurred
6.3
Register Descriptions
The interrupt controller has the following registers. For details on register addresses and register
states during each processing, refer to section 19, List of Registers.
• Interrupt control register 1 (ICR1)
• Interrupt control register 2 (ICR2)
• IRQ status register (ISR)
• Interrupt priority register A (IPRA)
• Interrupt priority register D (IPRD)
• Interrupt priority register E (IPRE)
• Interrupt priority register F (IPRF)
• Interrupt priority register G (IPRG)
• Interrupt priority register H (IPRH)
• Interrupt priority register I (IPRI)
• Interrupt priority register J (IPRJ)
• Interrupt priority register K (IPRK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com