Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 107Page - Renesas Technology Corp SH7108 Datasheet HTML 108Page - Renesas Technology Corp SH7108 Datasheet HTML 109Page - Renesas Technology Corp SH7108 Datasheet HTML 110Page - Renesas Technology Corp SH7108 Datasheet HTML 111Page - Renesas Technology Corp SH7108 Datasheet HTML 112Page - Renesas Technology Corp SH7108 Datasheet HTML 113Page - Renesas Technology Corp SH7108 Datasheet HTML 114Page - Renesas Technology Corp SH7108 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 77 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
IRQ3S
0
R/W
IRQ3 Sense Select
Sets the IRQ3 interrupt request detection mode.
0: Interrupt request is detected at low level of IRQ3
input
1: Interrupt request is detected at edge of IRQ3 input
(edge direction is selected by ICR2)
3 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
6.3.2
Interrupt Control Register 2 (ICR2)
ICR2 is a 16-bit register that sets the edge detection mode of the external interrupt input pins
IRQ0
to
IRQ3. ICR2 is, however, valid only when IRQ interrupt request detection mode is set to the
edge detection mode by the sense select bits of IRQ0 to IRQ 3 in the interrupt control register 1
(ICR1). If the IRQ interrupt request detection mode has been set to low level detection mode, the
setting of ICR2 is ignored.
Bit
Bit Name
Initial
Value
R/W
Description
15
14
IRQ0ES1
IRQ0ES0
0
0
R/W
R/W
These bits set the IRQ0 interrupt request edge detection
mode.
00: Interrupt request is detected at falling edge of
IRQ0
input
01: Interrupt request is detected at rising edge of
IRQ0
input
10: Interrupt request is detected at both falling and rising
edges of
IRQ0 input
11: Setting prohibited
13
12
IRQ1ES1
IRQ1ES0
0
0
R/W
R/W
These bits set the IRQ1 interrupt request edge detection
mode.
00: Interrupt request is detected at falling edge of
IRQ1
input
01: Interrupt request is detected at rising edge of
IRQ1
input
10: Interrupt request is detected at both falling and rising
edges of
IRQ1 input
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com