Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 112Page - Renesas Technology Corp SH7108 Datasheet HTML 113Page - Renesas Technology Corp SH7108 Datasheet HTML 114Page - Renesas Technology Corp SH7108 Datasheet HTML 115Page - Renesas Technology Corp SH7108 Datasheet HTML 116Page - Renesas Technology Corp SH7108 Datasheet HTML 117Page - Renesas Technology Corp SH7108 Datasheet HTML 118Page - Renesas Technology Corp SH7108 Datasheet HTML 119Page - Renesas Technology Corp SH7108 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 82 of 522
REJ09B0069-0100
6.4
Interrupt Sources
6.4.1
External Interrupts
There are four types of interrupt sources: NMI, user breaks, IRQ, and on-chip peripheral modules.
Each interrupt has a priority expressed as a priority level (0 to 16, with 0 the lowest and 16 the
highest). Giving an interrupt a priority level of 0 masks it.
NMI Interrupts: The NMI interrupt has priority 16 and is always accepted. Input at the NMI pin
is detected by edge. Use the NMI edge select bit (NMIE) in the interrupt control register 1 (ICR1)
to select either the rising or falling edge. NMI interrupt exception processing sets the interrupt
mask level bits (I3 to I0) in the status register (SR) to level 15.
IRQ3 to IRQ0 Interrupts: IRQ interrupts are requested by input from pins
IRQ0 to IRQ3. Set
the IRQ sense select bits (IRQ0S to IRQ3S) of the interrupt control register 1 (ICR1) and the IRQ
edge select bit (IRQ0ES[1:0] to IRQ3ES[1:0]) of the interrupt control register 2 (ICR2) to select
low level detection, falling edge detection, or rising edge detection for each pin. The priority level
can be set from 0 to 15 for each pin using the interrupt priority registers A (IPRA).
When IRQ interrupts are set to low level detection, an interrupt request signal is sent to the INTC
during the period the IRQ pin is low level. Interrupt request signals are not sent to the INTC when
the IRQ pin becomes high level. Interrupt request levels can be confirmed by reading the IRQ
flags (IRQ0F to IRQ3F) of the IRQ status register (ISR).
When IRQ interrupts are set to falling edge detection, interrupt request signals are sent to the
INTC upon detecting a change at the IRQ pin from high to low level. The results of detection for
IRQ interrupt request are maintained until the interrupt request is accepted. It is possible to
confirm that IRQ interrupt requests have been detected by reading the IRQ flags (IRQ0F to
IRQ3F) of the IRQ status register (ISR), and by writing a 0 after reading a 1, IRQ interrupt request
detection results can be withdrawn.
In IRQ interrupt exception processing, the interrupt mask bits (I3 to I0) of the status register (SR)
are set to the priority level value of the accepted IRQ interrupt. Figure 6.2 shows the block
diagram of this IRQ3 to IRQ0 interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com