Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 113Page - Renesas Technology Corp SH7108 Datasheet HTML 114Page - Renesas Technology Corp SH7108 Datasheet HTML 115Page - Renesas Technology Corp SH7108 Datasheet HTML 116Page - Renesas Technology Corp SH7108 Datasheet HTML 117Page - Renesas Technology Corp SH7108 Datasheet HTML 118Page - Renesas Technology Corp SH7108 Datasheet HTML 119Page - Renesas Technology Corp SH7108 Datasheet HTML 120Page - Renesas Technology Corp SH7108 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 83 of 522
REJ09B0069-0100
IRQnS
IRQnES
ISR.IRQnF
IRQ pins
RESIRQn
Level
detection
Edge
detection
SQ
R
CPU interrupt
request
(Acceptance of IRQn interrupt/Writing 0 after reading IRQnF = 1)
Figure 6.2 Control of IRQ3 to IRQ0 Interrupts
6.4.2
On-Chip Peripheral Module Interrupts
On-chip peripheral module interrupts are interrupts generated by the following on-chip peripheral
modules.
As a different interrupt vector is assigned to each interrupt source, the exception service routine
does not have to decide which interrupt has occurred. Priority levels between 0 and 15 can be
assigned to individual on-chip peripheral modules by setting interrupt priority registers A, D to K
(IPRA, IPRD to IPRK). On-chip peripheral module interrupt exception processing sets the
interrupt mask level bits (I3 to I0) in the status register (SR) to the priority level value of the on-
chip peripheral module interrupt that was accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com