Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 117Page - Renesas Technology Corp SH7108 Datasheet HTML 118Page - Renesas Technology Corp SH7108 Datasheet HTML 119Page - Renesas Technology Corp SH7108 Datasheet HTML 120Page - Renesas Technology Corp SH7108 Datasheet HTML 121Page - Renesas Technology Corp SH7108 Datasheet HTML 122Page - Renesas Technology Corp SH7108 Datasheet HTML 123Page - Renesas Technology Corp SH7108 Datasheet HTML 124Page - Renesas Technology Corp SH7108 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 87 of 522
REJ09B0069-0100
6.6
Interrupt Operation
6.6.1
Interrupt Sequence
The sequence of interrupt operations is explained below. Figure 6.3 is a flowchart of the
operations.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest priority interrupt in the interrupt requests sent,
according to the priority levels set in interrupt priority level setting registers A, D to K (IPRA,
IPRD to IPRK). Interrupts that have lower-priority than that of the selected interrupt are
ignored.* If interrupts that have the same priority level or interrupts within a same module
occur simultaneously, the interrupt with the highest priority is selected according to the default
priority order indicated in table 6.2.
3. The interrupt controller compares the priority level of the selected interrupt request with the
interrupt mask bits (I3 to I0) in the CPU’s status register (SR). If the request priority level is
equal to or less than the level set in I3 to I0, the request is ignored. If the request priority level
is higher than the level in bits I3 to I0, the interrupt controller accepts the interrupt and sends
an interrupt request signal to the CPU.
4. When the interrupt controller accepts an interrupt, a low level is output from the
IRQOUT pin.
5. The CPU detects the interrupt request sent from the interrupt controller when CPU decodes the
instruction to be executed. Instead of executing the decoded instruction, the CPU starts
interrupt exception processing (figure 6.5).
6. SR and PC are saved onto the stack.
7. The priority level of the accepted interrupt is copied to the interrupt mask level bits (I3 to I0) in
the status register (SR).
8. When the accepted interrupt is sensed by level or is from an on-chip peripheral module, a high
level is output from the
IRQOUT pin. When the accepted interrupt is sensed by edge, a high
level is output from the
IRQOUT pin at the moment when the CPU starts interrupt exception
processing instead of instruction execution as noted in (5) above. However, if the interrupt
controller accepts an interrupt with a higher priority than the interrupt just to be accepting, the
IRQOUT pin holds low level.
9. The CPU reads the start address of the exception service routine from the exception vector
table for the accepted interrupt, jumps to that address, and starts executing the program. This
jump is not a delay branch.
Note: *
Interrupt requests that are designated as edge-detect type are held pending until the
interrupt requests are accepted. IRQ interrupts, however, can be cancelled by accessing
the IRQ status register (ISR). Interrupts held pending due to edge detection are cleared
by a power-on reset or a manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com