Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 120Page - Renesas Technology Corp SH7108 Datasheet HTML 121Page - Renesas Technology Corp SH7108 Datasheet HTML 122Page - Renesas Technology Corp SH7108 Datasheet HTML 123Page - Renesas Technology Corp SH7108 Datasheet HTML 124Page - Renesas Technology Corp SH7108 Datasheet HTML 125Page - Renesas Technology Corp SH7108 Datasheet HTML 126Page - Renesas Technology Corp SH7108 Datasheet HTML 127Page - Renesas Technology Corp SH7108 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 90 of 522
REJ09B0069-0100
6.7
Interrupt Response Time
Table 6.3 lists the interrupt response time, which is the time from the occurrence of an interrupt
request until the interrupt exception processing starts and fetching of the first instruction of the
interrupt service routine begins. Figure 6.5 shows an example of the pipeline operation when an
IRQ interrupt is accepted.
Table 6.3
Interrupt Response Time
Number of States
Item
NMI, Peripheral
Module
IRQ
Remarks
Idle cycle
0 or 1
1
Interrupt priority judgment
and comparison with SR
mask bits
2
3
Wait for completion of
sequence currently being
executed by CPU
X (
≥ 0)
The longest sequence is for
interrupt or address-error
exception processing (X = 4
+ m1 + m2 + m3 + m4). If an
interrupt-masking instruction
follows, however, the time
may be even longer.
Time from start of interrupt
exception processing until
fetch of first instruction of
exception service routine
starts
5 + m1 + m2 + m3
Performs the saving PC and
SR, and vector address
fetch.
Total: (7 or 8) + m1 +
m2 + m3 + X
9 + m1 + m2 +
m3 + X
Minimum:
10
12
0.25 to 0.3 µs at 40 MHz
Interrupt
response
time
Maximum:
12 + 2 (m1 + m2
+ m3) + m4
13 + 2 (m1 + m2
+ m3) + m4
0.48 µs* at 40 MHz
Notes: *
0.48 µs at 40 MHz is the value in the case that m1 = m2 = m3 = m4 = 1.
m1 to m4 are the number of states needed for the following memory accesses.
m1: SR save (longword write)
m2: PC save (longword write)
m3: Vector address read (longword read)
m4: Fetch first instruction of interrupt service routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com