Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 123Page - Renesas Technology Corp SH7108 Datasheet HTML 124Page - Renesas Technology Corp SH7108 Datasheet HTML 125Page - Renesas Technology Corp SH7108 Datasheet HTML 126Page - Renesas Technology Corp SH7108 Datasheet HTML 127Page - Renesas Technology Corp SH7108 Datasheet HTML 128Page - Renesas Technology Corp SH7108 Datasheet HTML 129Page - Renesas Technology Corp SH7108 Datasheet HTML 130Page - Renesas Technology Corp SH7108 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 560 page
background image
Section 7 Bus State Controller (BSC)
BSC1000C_000020020700
Rev.1.00 Sep. 18, 2008 Page 93 of 522
REJ09B0069-0100
Section 7 Bus State Controller (BSC)
The bus state controller (BSC) divides up the address spaces and outputs control for various types
of memory. This enables memories like SRAM and ROM to be linked directly to the chip without
external circuitry.
7.1
Features
The BSC has the following features:
• Address space is divided into four spaces (supported only by the SH7109)
⎯ A maximum linear 2-Mbyte bus width for the on-chip ROM enabled mode and a maximum
4-Mbyte bus width for the on-chip ROM disabled mode, as for the CS0 space (8 bits)
⎯ Wait states can be inserted by software for each space
⎯ Wait state insertion with the WAIT pin in external memory space access
⎯ Outputs control signals for each space according to the type of memory connected
• On-chip ROM and RAM interfaces
⎯ On-chip ROM and RAM access of 32 bits in 1 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com