Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 126Page - Renesas Technology Corp SH7108 Datasheet HTML 127Page - Renesas Technology Corp SH7108 Datasheet HTML 128Page - Renesas Technology Corp SH7108 Datasheet HTML 129Page - Renesas Technology Corp SH7108 Datasheet HTML 130Page - Renesas Technology Corp SH7108 Datasheet HTML 131Page - Renesas Technology Corp SH7108 Datasheet HTML 132Page - Renesas Technology Corp SH7108 Datasheet HTML 133Page - Renesas Technology Corp SH7108 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 96 of 522
REJ09B0069-0100
7.4
Address Map
Figure 7.2 shows the address format used by this LSI.
Output address:
Output from the address pins
CS space selection:
Decoded, outputs
when A31 to A24 = 00000000
Space selection:
Not output externally; used to select the type of space
On-chip ROM space or CS0 space when 00000000 (H'00)
Reserved (do not access) when 00000001 to 11111110 (H'01 to H'FE)
On-chip peripheral module space or on-chip RAM space when 11111111 (H'FF)
A31 to A24
A23, A22
A21 to A18
A0
A17
Figure 7.2 Address Format
This chip uses 32-bit addresses:
• Bits A31 to A24 are used to select the type of space and are not output externally.
• Bits A23 and A22 are decoded and output as chip select signals (CS0) for the corresponding
areas when bits A31 to A24 are 00000000.
• A17 to A0 are output externally. A21 to A18 are not output externally.
Table 7.2 shows the address map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com