Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 125Page - Renesas Technology Corp SH7108 Datasheet HTML 126Page - Renesas Technology Corp SH7108 Datasheet HTML 127Page - Renesas Technology Corp SH7108 Datasheet HTML 128Page - Renesas Technology Corp SH7108 Datasheet HTML 129Page - Renesas Technology Corp SH7108 Datasheet HTML 130Page - Renesas Technology Corp SH7108 Datasheet HTML 131Page - Renesas Technology Corp SH7108 Datasheet HTML 132Page - Renesas Technology Corp SH7108 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 95 of 522
REJ09B0069-0100
7.2
Input/Output Pins
Table 7.1 lists bus state controller pins of the SH7109. The SH7108 is not equipped with this type
of pins.
Table 7.1
Pin Configuration
Name
Abbr.
I/O
Description
Address bus
A17 to A0
Output
Address output
Data bus
D7 to D0
I/O
8-bit data bus
Chip select
CS0
Output
Chip select signal indicating the area being
accessed
Read
RD
Output
Strobe signal that indicates the read cycle
Lower byte write
WRL
Output
Strobe signal that indicates a write cycle to the lower
8 bits (D7 to D0)
Wait
WAIT
Input
Wait state request signal
Bus request
BREQ
Input
Bus release request input
Bus request
acknowledge
BACK
Output
Bus use enable output
7.3
Register Configuration
The following registers are provided for the bus state controller. For details on addresses and states
of these registers in each processing, refer to section 19, List of Registers.
These registers are used to control wait states, bus width, and interfaces with memories like ROM
and SRAM. All registers are 16 bits.
• Bus control register 1 (BCR1)
• Bus control register 2 (BCR2)
• Wait control register 1 (WCR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com