Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 133Page - Renesas Technology Corp SH7108 Datasheet HTML 134Page - Renesas Technology Corp SH7108 Datasheet HTML 135Page - Renesas Technology Corp SH7108 Datasheet HTML 136Page - Renesas Technology Corp SH7108 Datasheet HTML 137Page - Renesas Technology Corp SH7108 Datasheet HTML 138Page - Renesas Technology Corp SH7108 Datasheet HTML 139Page - Renesas Technology Corp SH7108 Datasheet HTML 140Page - Renesas Technology Corp SH7108 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 560 page
background image
Section 7 Bus State Controller (BSC)
Rev.1.00 Sep. 18, 2008 Page 103 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
Value
R/W
Description
15
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14
MMTRWE
1
R/W
MMT Read/Write Enable
This bit enables MMT control register access. For
details, refer to section 13, Motor Management Timer
(MMT).
0: MMT control register access is disabled
1: MMT control register access is enabled
13
MTURWE
1
R/W
MTU Read/Write Enable
This bit enables MTU control register access. For
details, refer to section 8, Multifunction Timer Pulse
Unit (MTU).
0: MTU control register access is disabled
1: MTU control register access is enabled
12 to 4
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3 to 1
⎯
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
0
A0SZ
1
R/W
CS0 Space Size Specification
Specifies the CS0 space bus size when A0LG is 0.
In on-chip ROM enabled mode, 0 should be written to
this bit to specify a bus size of 8 bits before the CS0
space is accessed.
Note:
In on-chip ROM disabled mode, the CS0
space bus size is specified by the mode pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com