| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 138 Page - Renesas Technology Corp |
|
138 / 560 page ![]() Section 7 Bus State Controller (BSC) Rev.1.00 Sep. 18, 2008 Page 104 of 522 REJ09B0069-0100 7.5.2 Bus Control Register 2 (BCR2) BCR2 is a 16-bit readable/writable register that specifies the number of idle cycles and CS0 signal assert extension of each CS0 space. Bit Bit Name Initial Value R/W Description 15 to 10 ⎯ All 1 R Reserved These bits are always read as 1. The write value should always be 1. 9 8 IW01 IW00 1 1 R/W R/W CS0 Space Idle Specification between Cycles These bits insert idle cycles when a read access is followed immediately by a write access. 00: No CS0 space idle cycle 01: One CS0 space idle cycle 10: Two CS0 space idle cycles 11: Three CS0 space idle cycles 7 to 5 ⎯ All 1 R Reserved These bits are always read as 1. The write value should always be 1. 4 CW0 1 R/W CS0 Space Idle Specification for Continuous Access The continuous access idle specification makes insertions to clearly delineate the bus intervals by once negating the CS0 signal when performing consecutive accesses to the same CS space. 0: No CS0 space continuous access idle cycle 1: One CS0 space continuous access idle cycle When a write immediately follows a read, the number of idle cycles inserted is the larger of the two values specified by IWO1 and IWO0. 3 to 1 ⎯ All 1 R Reserved These bits are always read as 1. The write value should always be 1. 0 SW0 1 R/W CS0 Space CS Assert Extension Specification The CS assert cycle extension specification is for making insertions to prevent extension of the RD signal or WRL signal assert period beyond the length of the CS0 signal assert period. 0: No CS0 space CS assert extension inserted 1: CS0 space CS assert extension inserted (one cycle is inserted before and after each bus cycle) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |