Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 194Page - Renesas Technology Corp SH7108 Datasheet HTML 195Page - Renesas Technology Corp SH7108 Datasheet HTML 196Page - Renesas Technology Corp SH7108 Datasheet HTML 197Page - Renesas Technology Corp SH7108 Datasheet HTML 198Page - Renesas Technology Corp SH7108 Datasheet HTML 199Page - Renesas Technology Corp SH7108 Datasheet HTML 200Page - Renesas Technology Corp SH7108 Datasheet HTML 201Page - Renesas Technology Corp SH7108 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 164 of 522
REJ09B0069-0100
Example of Synchronous Operation Setting Procedure: Figure 8.11 shows an example of the
synchronous operation setting procedure.
No
Yes
Set synchronous
operation
<Synchronous presetting>
<Counter clearing>
<Synchronous clearing>
Clearing
source generation
channel?
Select counter
clearing source
Start count
Set synchronous
counter clearing
Start count
[1]
[3]
[5]
[4]
[5]
[2]
Synchronous operation
selection
[1] Set to 1 the SYNC bits in TSYR corresponding to the channels to be designated for synchronous
operation.
[2] When the TCNT counter of any of the channels designated for synchronous operation is written to,
the same value is simultaneously written to the other TCNT counters.
[3] Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare, etc.
[4] Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing source.
[5] Set to 1 the CST bits in TSTR for the relevant channels, to start the count operation.
Set TCNT
Synchronous presetting
Synchronous clearing
Figure 8.11 Example of Synchronous Operation Setting Procedure
Example of Synchronous Operation: Figure 8.12 shows an example of synchronous operation.
In this example, synchronous operation and PWM mode 1 have been designated for channels 0 to
2, TGRB_0 compare match has been set as the channel 0 counter clearing source, and
synchronous clearing has been set for the channel 1 and 2 counter clearing source.
Three-phase PWM waveforms are output from pins TIOC0A, TIOC1A, and TIOC2A. At this
time, synchronous presetting, and synchronous clearing by TGRB_0 compare match, are
performed for channel 0 to 2 TCNT counters, and the data set in TGRB_0 is used as the PWM
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com