Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 191Page - Renesas Technology Corp SH7108 Datasheet HTML 192Page - Renesas Technology Corp SH7108 Datasheet HTML 193Page - Renesas Technology Corp SH7108 Datasheet HTML 194Page - Renesas Technology Corp SH7108 Datasheet HTML 195Page - Renesas Technology Corp SH7108 Datasheet HTML 196Page - Renesas Technology Corp SH7108 Datasheet HTML 197Page - Renesas Technology Corp SH7108 Datasheet HTML 198Page - Renesas Technology Corp SH7108 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 161 of 522
REJ09B0069-0100
Output selection
Select waveform output
mode
Set output timing
Start count operation
<Waveform output>
[1]
[2]
[3]
[1] Select initial value 0 output or 1 output,
and compare match output value 0
output, 1 output, or toggle output, by
means of TIOR. The set initial value is
output at the TIOC pin until the first
compare match occurs.
[2] Set the timing for compare match
generation in TGR.
[3] Set the CST bit in TSTR to 1 to start the
count operation.
Figure 8.6 Example of Setting Procedure for Waveform Output by Compare Match
Examples of Waveform Output Operation: Figure 8.7 shows an example of 0 output/1 output.
In this example TCNT has been designated as a free-running counter, and settings have been made
such that 1 is output by compare match A, and 0 is output by compare match B. When the set level
and the pin level coincide, the pin level does not change.
TCNT value
H'FFFF
H'0000
TIOCA
TIOCB
Time
TGRA
TGRB
No change
No change
No change
No change
1 output
0 output
Figure 8.7 Example of 0 Output/1 Output Operation
Figure 8.8 shows an example of toggle output.
In this example, TCNT has been designated as a periodic counter (with counter clearing on
compare match B), and settings have been made such that the output is toggled by both compare
match A and compare match B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com