Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 189Page - Renesas Technology Corp SH7108 Datasheet HTML 190Page - Renesas Technology Corp SH7108 Datasheet HTML 191Page - Renesas Technology Corp SH7108 Datasheet HTML 192Page - Renesas Technology Corp SH7108 Datasheet HTML 193Page - Renesas Technology Corp SH7108 Datasheet HTML 194Page - Renesas Technology Corp SH7108 Datasheet HTML 195Page - Renesas Technology Corp SH7108 Datasheet HTML 196Page - Renesas Technology Corp SH7108 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 159 of 522
REJ09B0069-0100
Operation selection
Select counter clock
Periodic counter
Select counter clearing
source
Select output compare
register
Set period
Free-running counter
Start count operation
<Free-running counter>
<Periodic counter>
Start count operation
[1]
[2]
[3]
[4]
[5]
[5]
[1] Select the counter clock
with bits TPSC2 to TPSC0
in TCR. At the same time,
select the input clock edge
with bits CKEG1 and
CKEG0 in TCR.
[2] For periodic counter
operation, select the TGR
to be used as the TCNT
clearing source with bits
CCLR2 to CCLR0 in TCR.
[3] Designate the TGR
selected in [2] as an output
compare register by means
of TIOR.
[4] Set the periodic counter
cycle in the TGR selected
in [2].
[5] Set the CST bit in TSTR to
1 to start the counter
operation.
Figure 8.3 Example of Counter Operation Setting Procedure
Free-Running Count Operation and Periodic Count Operation: Immediately after a reset, the
MTU’s TCNT counters are all designated as free-running counters. When the relevant bit in TSTR
is set to 1 the corresponding TCNT counter starts up-count operation as a free-running counter.
When TCNT overflows (from H'FFFF to H'0000), the TCFV bit in TSR is set to 1. If the value of
the corresponding TCIEV bit in TIER is 1 at this point, the MTU requests an interrupt. After
overflow, TCNT starts counting up again from H'0000.
Figure 8.4 illustrates free-running counter operation.
TCNT value
H'FFFF
H'0000
CST bit
TCFV
Time
Figure 8.4 Free-Running Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com