Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 186Page - Renesas Technology Corp SH7108 Datasheet HTML 187Page - Renesas Technology Corp SH7108 Datasheet HTML 188Page - Renesas Technology Corp SH7108 Datasheet HTML 189Page - Renesas Technology Corp SH7108 Datasheet HTML 190Page - Renesas Technology Corp SH7108 Datasheet HTML 191Page - Renesas Technology Corp SH7108 Datasheet HTML 192Page - Renesas Technology Corp SH7108 Datasheet HTML 193Page - Renesas Technology Corp SH7108 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 156 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
value
R/W
Description
7
—
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
6
BDC
0
R/W
Brushless DC Motor
This bit selects whether to make the functions of this
register (TGCR) effective or ineffective.
0: Ordinary output
1: Functions of this register are made effective
5
N
0
R/W
Reverse Phase Output (N) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the reverse pins (TIOC3D, TIOC4C, and TIOC4D) are
on-output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
4
P
0
R/W
Positive Phase Output (P) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the positive pin (TIOC3B, TIOC4A, and TIOC4B) are on-
output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
3
FB
0
R/W
External Feedback Signal Enable
This bit selects whether the switching of the output of the
positive/reverse phase is carried out automatically with
the MTU/channel 0 TGRA, TGRB, TGRC input capture
signals or by writing 0 or 1 to bits 2 to 0 in TGCR.
0: Output switching is carried out by external input (Input
sources are channel 0 TGRA, TGRB, TGRC input
capture signal)
1: Output switching is carried out by software (TGCR's
UF, VF, WF settings).
2
1
0
WF
VF
UF
0
0
0
R/W
R/W
R/W
Output Phase Switch 2 to 0
These bits set the positive phase/negative phase output
phase on or off state. The setting of these bits is valid
only when the FB bit in this register is set to 1. In this
case, the setting of bits 2 to 0 is a substitute for external
input. See table 8.28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com