Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 182Page - Renesas Technology Corp SH7108 Datasheet HTML 183Page - Renesas Technology Corp SH7108 Datasheet HTML 184Page - Renesas Technology Corp SH7108 Datasheet HTML 185Page - Renesas Technology Corp SH7108 Datasheet HTML 186Page - Renesas Technology Corp SH7108 Datasheet HTML 187Page - Renesas Technology Corp SH7108 Datasheet HTML 188Page - Renesas Technology Corp SH7108 Datasheet HTML 189Page - Renesas Technology Corp SH7108 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 152 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
value
R/W
Description
2
1
0
SYNC2
SYNC1
SYNC0
0
0
0
R/W
R/W
R/W
Timer Synchro 2 to 0
These bits are used to select whether operation is
independent of or synchronized with other channels.
When synchronous operation is selected, the TCNT
synchronous presetting of multiple channels, and
synchronous clearing by counter clearing on another
channel, are possible.
To set synchronous operation, the SYNC bits for at least
two channels must be set to 1. To set synchronous
clearing, in addition to the SYNC bit, the TCNT clearing
source must also be set by means of bits CCLR0 to
CCLR2 in TCR.
0: TCNT_2 to TCNT_0 operates independently.
TCNT presetting /clearing is unrelated to other
channels.
1: TCNT_2 to TCNT_0 performs synchronous operation.
TCNT synchronous presetting/synchronous clearing is
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com