| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 184 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 184 Page - Renesas Technology Corp |
|
184 / 560 page ![]() Section 8 Multifunction Timer Pulse Unit (MTU) Rev.1.00 Sep. 18, 2008 Page 150 of 522 REJ09B0069-0100 8.3.7 Timer General Register (TGR) The TGR registers are dual function 16-bit readable/writable registers, functioning as either output compare or input capture registers. The MTU has 16 TGR registers, four each for channels 0, 3, and 4 and two each for channels 1 and 2. TGRC and TGRD for channels 0, 3, and 4 can also be designated for operation as buffer registers. The TGR registers cannot be accessed in 8-bit units; they must always be accessed as a 16-bit unit. TGR buffer register combinations are TGRA— TGRC and TGRB—TGRD. The initial value is H'FFFF. 8.3.8 Timer Start Register (TSTR) TSTR is an 8-bit readable/writable register that selects operation/stoppage for channels 0 to 4. When setting the operating mode in TMDR or setting the count clock in TCR, first stop the TCNT counter. Bit Bit Name Initial value R/W Description 7 6 CST4 CST3 0 0 R/W R/W Counter Start 4 and 3 These bits select operation or stoppage for TCNT. If 0 is written to the CST bit during operation with the TIOC pin designated for output, the counter stops but the TIOC pin output compare output level is retained. If TIOR is written to when the CST bit is cleared to 0, the pin output level will be changed to the set initial output value. 0: TCNT_4 and TCNT_3 count operation is stopped 1: TCNT_4 and TCNT_3 performs count operation 5 to 3 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 2 1 0 CST2 CST1 CST0 0 0 0 R/W R/W R/W Counter Start 2 to 0 These bits select operation or stoppage for TCNT. If 0 is written to the CST bit during operation with the TIOC pin designated for output, the counter stops but the TIOC pin output compare output level is retained. If TIOR is written to when the CST bit is cleared to 0, the pin output level will be changed to the set initial output value. 0: TCNT_2 and TCNT_0 count operation is stopped 1: TCNT_2 and TCNT_0 performs count operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |