Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 179Page - Renesas Technology Corp SH7108 Datasheet HTML 180Page - Renesas Technology Corp SH7108 Datasheet HTML 181Page - Renesas Technology Corp SH7108 Datasheet HTML 182Page - Renesas Technology Corp SH7108 Datasheet HTML 183Page - Renesas Technology Corp SH7108 Datasheet HTML 184Page - Renesas Technology Corp SH7108 Datasheet HTML 185Page - Renesas Technology Corp SH7108 Datasheet HTML 186Page - Renesas Technology Corp SH7108 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 149 of 522
REJ09B0069-0100
Bit
Bit Name
Initial
value
R/W
Description
1
TGFB
0
R/(W)
Input Capture/Output Compare Flag B
Status flag that indicates the occurrence of TGRB input
capture or compare match. Only 0 can be written, for flag
clearing.
[Setting conditions]
• When TCNT = TGRB and TGRB is functioning as
output compare register
• When TCNT value is transferred to TGRB by input
capture signal and TGRB is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFB after reading TGFB = 1
0
TGFA
0
R/(W)
Input Capture/Output Compare Flag A
Status flag that indicates the occurrence of TGRA input
capture or compare match. Only 0 can be written, for flag
clearing.
[Setting conditions]
• When TCNT = TGRA and TGRA is functioning as
output compare register
• When TCNT value is transferred to TGRA by input
capture signal and TGRA is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFA after reading TGFA = 1
8.3.6
Timer Counter (TCNT)
The TCNT registers are 16-bit readable/writable counters. The MTU has five TCNT counters, one
for each channel. The initial value is H'0000.
Access to TCNT in 8-bit units is not allowed. Applications must always access TCNT in 16-bit
units. Note that TCNT is initialized to H'0000 by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com