Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 184Page - Renesas Technology Corp SH7108 Datasheet HTML 185Page - Renesas Technology Corp SH7108 Datasheet HTML 186Page - Renesas Technology Corp SH7108 Datasheet HTML 187Page - Renesas Technology Corp SH7108 Datasheet HTML 188Page - Renesas Technology Corp SH7108 Datasheet HTML 189Page - Renesas Technology Corp SH7108 Datasheet HTML 190Page - Renesas Technology Corp SH7108 Datasheet HTML 191Page - Renesas Technology Corp SH7108 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 154 of 522
REJ09B0069-0100
8.3.11
Timer Output Control Register (TOCR)
TOCR is an 8-bit readable/writable register that enables/disables PWM synchronized toggle
output in complementary PWM mode/reset synchronized PWM mode, and controls output level
inversion of PWM output.
Bit
Bit Name
Initial
value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
PSYE
0
R/W
PWM Synchronous Output Enable
This bit selects the enable/disable of toggle output
synchronized with the PWM period.
0: Toggle output is disabled
1: Toggle output is enabled
5 to 2 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
OLSN
0
R/W
Output Level Select N
This bit selects the reverse phase output level in reset-
synchronized PWM mode/complementary PWM mode.
See table 8.26
0
OLSP
0
R/W
Output Level Select P
This bit selects the positive phase output level in reset-
synchronized PWM mode/complementary PWM mode.
See table 8.27
Table 8.26
Output Level Select Function
Bit 1
Function
Compare Match Output
OLSN
Initial Output
Active Level
Increment Count
Decrement Count
0
High level
Low level
High level
Low level
1
Low level
High level
Low level
High level
Note:
The reverse phase waveform initial output value changes to active level after elapse of the
dead time after count start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com