Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 199Page - Renesas Technology Corp SH7108 Datasheet HTML 200Page - Renesas Technology Corp SH7108 Datasheet HTML 201Page - Renesas Technology Corp SH7108 Datasheet HTML 202Page - Renesas Technology Corp SH7108 Datasheet HTML 203Page - Renesas Technology Corp SH7108 Datasheet HTML 204Page - Renesas Technology Corp SH7108 Datasheet HTML 205Page - Renesas Technology Corp SH7108 Datasheet HTML 206Page - Renesas Technology Corp SH7108 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 169 of 522
REJ09B0069-0100
Example of Cascaded Operation Setting Procedure: Figure 8.18 shows an example of the
setting procedure for cascaded operation.
Cascaded operation
Set cascading
Start count
<Cascaded operation>
[1]
[2]
[1] Set bits TPSC2 to TPSC0 in the channel 1
TCR to B'1111 to select TCNT_2 overflow/
underflow counting.
[2] Set the CST bit in TSTR for the upper and
lower channel to 1 to start the count
operation.
Figure 8.18 Cascaded Operation Setting Procedure
Examples of Cascaded Operation: Figure 8.19 illustrates the operation when TCNT_2
overflow/underflow counting has been set for TCNT_1 and phase counting mode has been
designated for channel 2.
TCNT_1 is incremented by TCNT_2 overflow and decremented by TCNT_2 underflow.
TCLKC
TCNT_2
FFFD
TCNT_1
0001
TCLKD
FFFE
FFFF
0000
0001
0002
0001
0000
FFFF
0000
0000
Figure 8.19 Example of Cascaded Operation (2)
8.4.5
PWM Modes
In PWM mode, PWM waveforms are output from the output pins. The output level can be selected
as 0, 1, or toggle output in response to a compare match of each TGR.
TGR registers settings can be used to output a PWM waveform in the range of 0% to 100% duty
cycle.
Designating TGR compare match as the counter clearing source enables the period to be set in that
register. All channels can be designated for PWM mode independently. Synchronous operation is
also possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com