Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 202Page - Renesas Technology Corp SH7108 Datasheet HTML 203Page - Renesas Technology Corp SH7108 Datasheet HTML 204Page - Renesas Technology Corp SH7108 Datasheet HTML 205Page - Renesas Technology Corp SH7108 Datasheet HTML 206Page - Renesas Technology Corp SH7108 Datasheet HTML 207Page - Renesas Technology Corp SH7108 Datasheet HTML 208Page - Renesas Technology Corp SH7108 Datasheet HTML 209Page - Renesas Technology Corp SH7108 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 172 of 522
REJ09B0069-0100
Example of PWM Mode Setting Procedure: Figure 8.20 shows an example of the PWM mode
setting procedure.
PWM mode
Select counter clock
Select counter clearing
source
Select waveform
output level
Set TGR
Set PWM mode
Start count
<PWM mode>
[1]
[2]
[3]
[4]
[5]
[6]
[1] Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and
CKEG0 in TCR.
[2] Use bits CCLR2 to CCLR0 in TCR to select
the TGR to be used as the TCNT clearing
source.
[3] Use TIOR to designate the TGR as an output
compare register, and select the initial value
and output value.
[4] Set the cycle in the TGR selected in [2], and
set the duty in the other TGR.
[5] Select the PWM mode with bits MD3 to MD0
in TMDR.
[6] Set the CST bit in TSTR to 1 to start the
count operation.
Figure 8.20 Example of PWM Mode Setting Procedure
Examples of PWM Mode Operation: Figure 8.21 shows an example of PWM mode 1 operation.
In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA
initial output value and output value, and 1 is set as the TGRB output value.
In this case, the value set in TGRA is used as the period, and the values set in the TGRB registers
are used as the duty cycle.
TCNT value
TGRA
H'0000
TIOCA
Time
TGRB
Counter cleared by
TGRA compare match
Figure 8.21 Example of PWM Mode Operation (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com