Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 324Page - Renesas Technology Corp SH7108 Datasheet HTML 325Page - Renesas Technology Corp SH7108 Datasheet HTML 326Page - Renesas Technology Corp SH7108 Datasheet HTML 327Page - Renesas Technology Corp SH7108 Datasheet HTML 328Page - Renesas Technology Corp SH7108 Datasheet HTML 329Page - Renesas Technology Corp SH7108 Datasheet HTML 330Page - Renesas Technology Corp SH7108 Datasheet HTML 331Page - Renesas Technology Corp SH7108 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 294 of 522
REJ09B0069-0100
Table 10.3
BRR Settings for Various Bit Rates (Asynchronous Mode) (1)
Operating Frequency P
φ (MHz)
4
6
8
10
12
Logical
Bit Rate
(bit/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
1
140
0.74
1
212
0.03
2
70
0.03
2
88
–0.25
2
106
–0.44
150
1
103
0.16
1
155
0.16
2
51
0.16
2
64
0.16
2
77
0.16
300
1
51
0.16
1
77
0.16
2
25
0.16
1
129
0.16
2
38
0.16
600
1
25
0.16
1
38
0.16
2
12
0.16
1
64
0.16
1
77
0.16
1200
1
12
0.16
0
155
0.16
1
25
0.16
1
32
–1.36
1
38
0.16
2400
0
51
0.16
0
77
0.16
1
12
0.16
0
129
0.16
0
155
0.16
4800
0
25
0.16
0
38
0.16
0
51
0.16
0
64
0.16
0
77
0.16
9600
0
12
0.16
0
19
–2.34
0
25
0.16
0
32
–1.36
0
38
0.16
14400
0
8
–3.55
0
12
0.16
0
16
2.12
0
21
–1.36
0
25
0.16
19200
0
6
–6.99
0
9
–2.34
0
12
0.16
0
15
1.73
0
19
–2.34
28800
0
3
8.51
0
6
–6.99
0
8
–3.55
0
10
–1.36
0
12
0.16
31250
0
3
0.00
0
5
0.00
0
7
0.00
0
9
0.00
0
11
0.00
38400
0
2
8.51
0
4
–2.34
0
6
–6.99
0
7
1.73
0
9
–2.34
Table 10.3
BRR Settings for Various Bit Rates (Asynchronous Mode) (2)
Operating Frequency P
φ (MHz)
14
16
18
20
22
Logical
Bit Rate
(bit/s)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
n
N
Error
(
%)
110
2
123
0.23
2
141
0.03
2
159
–0.12
2
177
–0.25
2
194
0.16
150
2
90
0.16
2
103
0.16
2
116
0.16
2
129
0.16
2
142
0.16
300
2
45
–0.93
2
51
0.16
2
58
–0.69
2
64
0.16
2
71
–0.54
600
2
22
–0.93
1
103
0.16
1
116
0.16
1
129
0.16
1
142
0.16
1200
1
45
–0.93
1
51
0.16
1
58
–0.69
1
64
0.16
1
71
–0.54
2400
1
22
–0.93
0
207
0.16
0
233
0.16
1
32
–1.36
1
35
–0.54
4800
0
90
0.16
0
103
0.16
0
116
0.16
0
129
0.16
0
142
0.16
9600
0
45
–0.93
0
51
0.16
0
58
–0.69
0
64
0.16
0
71
–0.54
14400
0
29
1.27
0
34
–0.79
0
38
0.16
0
42
0.94
0
47
–0.54
19200
0
22
–0.93
0
25
0.16
0
28
1.02
0
32
–1.36
0
35
–0.54
28800
0
14
1.27
0
16
2.12
0
19
–2.34
0
21
–1.36
0
23
–0.54
31250
0
13
0.00
0
15
0.00
0
17
0.00
0
19
0.00
0
21
0.00
38400
0
10
3.57
0
12
0.16
0
14
–2.34
0
15
1.73
0
17
–0.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com