Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 328Page - Renesas Technology Corp SH7108 Datasheet HTML 329Page - Renesas Technology Corp SH7108 Datasheet HTML 330Page - Renesas Technology Corp SH7108 Datasheet HTML 331Page - Renesas Technology Corp SH7108 Datasheet HTML 332Page - Renesas Technology Corp SH7108 Datasheet HTML 333Page - Renesas Technology Corp SH7108 Datasheet HTML 334Page - Renesas Technology Corp SH7108 Datasheet HTML 335Page - Renesas Technology Corp SH7108 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 560 page
background image
Section 10 Serial Communication Interface (SCI)
Rev.1.00 Sep. 18, 2008 Page 298 of 522
REJ09B0069-0100
Table 10.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (1)
Operating Frequency P
φ (MHz)
4
6
8
10
12
Logical Bit
Rate (bit/s)
n
N
n
N
n
N
n
N
n
N
250
2
124
2
187
2
249
—
—
—
—
500
1
249
—
—
2
124
2
155
2
187
1000
1
124
1
187
1
249
—
—
—
—
2500
1
49
1
74
1
99
1
124
1
149
5000
1
24
—
—
1
49
—
—
1
74
10000
0
99
0
149
1
24
0
249
—
—
25000
0
39
0
59
1
9
0
99
1
14
50000
0
19
0
29
1
4
0
49
0
59
100000
0
9
0
14
0
19
0
24
0
29
250000
0
3
0
5
0
7
0
9
0
11
500000
0
1
0
2
0
3
0
4
0
5
1000000
0
0
—
—
0
1
—
—
0
2
2500000
—
—
—
—
—
—
0
0*
—
—
5000000
—
—
—
—
—
—
—
—
—
—
Table 10.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (2)
Operating Frequency P
φ (MHz)
14
16
18
20
22
Logical Bit
Rate (bit/s)
n
N
n
N
n
N
n
N
n
N
250
3
108
3
124
3
140
3
155
3
171
500
2
218
2
249
—
—
—
—
—
—
1000
2
108
2
124
2
140
2
155
3
42
2500
1
174
2
49
1
224
1
249
—
—
5000
—
—
2
24
1
112
1
124
1
137
10000
—
—
1
49
—
—
—
—
—
—
25000
0
139
1
19
0
179
1
24
0
219
50000
0
69
1
9
0
89
0
99
0
109
100000
0
34
1
4
0
44
0
49
0
54
250000
0
13
1
1
0
17
0
19
0
21
500000
0
6
1
0
0
8
0
9
0
10
1000000
—
—
0
3
—
—
0
4
—
—
2500000
—
—
—
—
—
—
0
1
—
—
5000000
—
—
—
—
—
—
0
0*
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com